Part Number Hot Search : 
AU9254 MC101 KSE13005 MA4000N SBM39PT 1909E L6416 U2Z13
Product Description
Full Text Search
 

To Download SB20100CT Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 WTE
POWER SEMICONDUCTORS
SB2020CT - SB20100CT
20A SCHOTTKY BARRIER RECTIFIER
Features
! ! ! ! ! ! Schottky Barrier Chip Guard Ring for Transient Protection High Current Capability, Low Forward C Low Reverse Leakage Current High Surge Current Capability G Plastic Material has UL Flammability Classification 94V-O D F P I L H B
TO-220 Dim Min Max A 14.9 15.1 B -- 10.5 C 2.62 2.87 D 3.56 4.06 E 13.46 14.22 F 0.68 0.94 G 3.74 O 3.91 O H 5.84 6.86 I 4.44 4.70 J 2.54 2.79 K 0.35 0.64 L 1.14 1.40 P 2.41 2.67 All Dimensions in mm
A
PIN1 2 3
Mechanical Data
! ! ! ! ! ! Case: TO-220 Molded Plastic Terminals: Plated Leads Solderable per MIL-STD-750, Method 2026 Polarity: As Marked on Body Weight: 2.24 grams (approx.) Mounting Position: Any Marking: Type Number
E
PIN 1 -
+ Case PIN 2
J K
PIN 3 -
Maximum Ratings and Electrical Characteristics
Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.
SB 2020CT
@TA=25C unless otherwise specified
Characteristic Peak Repetitive Reverse Voltage Working Peak Reverse Voltage DC Blocking Voltage RMS Reverse Voltage Average Rectified Output Current @TC = 95C
Symbol VRRM VRWM VR VR(RMS) IO
SB 2030CT
SB 2040CT
SB 2050CT
SB 2060CT
SB SB Unit 2080CT 20100CT
20 14
30 21
40 28
50 35 20
60 42
80 56
100 70
V V A
Non-Repetitive Peak Forward Surge Current 8.3ms Single half sine-wave superimposed on rated load (JEDEC Method) Forward Voltage Peak Reverse Current At Rated DC Blocking Voltage @IF = 10A @TA = 25C @TA = 100C
IFSM VFM IRM Cj Tj, TSTG 0.55
200 0.75 0.5 100 1100 -65 to +150 0.85
A V mA pF C
Typical Junction Capacitance (Note 1) Operating and Storage Temperature Range
Note: 1. Measured at 1.0 MHz and applied reverse voltage of 4.0V D.C.
SB2020CT - SB20100CT
1 of 3
(c) 2002 Won-Top Electronics
20
40
16
IF, NSTANTANEOUS FORWARD CURRENT (A)
I(AV), AVERAGE OUTPUT CURRENT (A)
2020CT - 2040CT
20
12
2050CT - 2060CT 2080CT - 20100CT
8
10
4
Single Pulse Half-Wave 60 Hz Resistive or Inductive Load
Tj = 25C Pulse Width = 300 s 2% Duty Cycle
0 10
40
60
80
100
120
140150
1 0 0.5 1.0 1.5 2.0 2.5 VF, INSTANTANEOUS FORWARD VOLTAGE (V) Fig. 2 Typical Forward Characteristics
TC, CASE TEMPERATURE (C) Fig. 1 Forward Current Derating Curve
250
2000
Tj = 25C f = 1MHz
IFSM , PEAK FORWARD SURGE CURRENT (A)
200
Cj, CAPACITANCE (pF)
8.3ms Single Half Sine-Wave JEDEC Method
150
1000
100
50
100
0 1 10 100 NUMBER OF CYCLES AT 60 Hz Fig. 3 Maximum Non-Repetitive Peak Fwd Surge Current
0.1
1.0
10
100
VR, REVERSE VOLTAGE (V) Fig. 4 Typical Junction Capacitance
SB2020CT - SB20100CT
2 of 3
(c) 2002 Won-Top Electronics
ORDERING INFORMATION
Product No.
SB2020CT SB2030CT SB2040CT SB2050CT SB2060CT SB2080CT SB20100CT
Package Type
TO-220 TO-220 TO-220 TO-220 TO-220 TO-220 TO-220
Shipping Quantity
50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube 50 Units/Tube
Shipping quantity given is for minimum packing quantity only. For minimum order quantity, please consult the Sales Department.
Won-Top Electronics Co., Ltd (WTE) has checked all information carefully and believes it to be correct and accurate. However, WTE cannot assume any responsibility for inaccuracies. Furthermore, this information does not give the purchaser of semiconductor devices any license under patent rights to manufacturer. WTE reserves the right to change any or all information herein without further notice. WARNING: DO NOT USE IN LIFE SUPPORT EQUIPMENT. WTE power semiconductor products are not authorized for use as critical components in life support devices or systems without the express written approval.
Won-Top Electronics Co., Ltd. No. 44 Yu Kang North 3rd Road, Chine Chen Dist., Kaohsiung, Taiwan Phone: 886-7-822-5408 or 886-7-822-5410 Fax: 886-7-822-5417 Email: sales@wontop.com Internet: http://www.wontop.com
We power your everyday.
(c) 2002 Won-Top Electronics
SB2020CT - SB20100CT
3 of 3


▲Up To Search▲   

 
Price & Availability of SB20100CT

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X